|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE15001 Integrated Circuit VIF & SIF Circuit for VCR Description: The NTE15001 is an integrated circuit in a 30-Lead DIP type package containing the VIF section and SIF on a single chip. Since this device is capable of performing video detection and sound detection independently or simultaneously, it can be applied to various sets from popular type to high-grade type according to the designer's policy. Features: D High-Gain VIF Amp Requiring No Preamp D High AGC Speed D Provides Wide-Band Detection Characteristics and Meets Sound MPX Demodulation Requirements because of FM Detection being Quadrature Detection. D Possible to use Sound REC Pin (Pin2), AUX Pin (Pin3) D Possible to Mute Video, Sound for VCR D Pin7 GND: Muting of both Video and Sound D Pin29 GND: Muting of Sound Only Functions: D VIF Section: VIF Amp Video Det, Peak IF AGC, B/W Noise-Canceller, RF AGC, AFT, SIF DET D SIF Section: SIF Limiter Amp, FM Det, DC ATT, AF Driver Operating Characteristics: (TA = +25C, VCC = 12V, fp = 58.75MHz, fs = 54.25MHz (VIF), fo = 4.5MHz (SIF) unless otherwise specified) Parameter VIH Section Total Circuit Current Maximum RF AGC Voltage Minimum RF AGC Voltage Quiescent Video Output Voltage Quiescent AFT Output Input Sensitivity AGC Range I23 + I24 DC VH13H V13L V22 V17 Vi GR DC DC DC DC fm = 400Hz 40% AM, VO = 0.8Vpp fm = 15kHz 78% AM, VO = 1dB 59 8.5 - 5.6 4.5 30 60 74 8.9 0 6.1 6.5 36 74 98 9.2 0.5 6.6 7.5 42 - mA V V V V dB dB Symbol Test Conditions Min Typ Max Unit Operating Characteristics (Cont'd): (TA = +25C, VCC = 12V, fp = 58.75MHz, fs = 54.25MHz (VIF), fo = 4.5MHz (SIF) unless otherwise specified) Parameter VIH Section (Cont'd) Maximum Allowable Input Video Output Amplitude Output S/N Carrier Leakage Maximum AFT Voltage Minimum AFT Voltage AFT Detection Sensitivity White Noise Threshold Level Black Noise Threshold Level Black Noise Clamp Level SIF Output Signal Voltage Frequency Characteristic Differential Gain Differential Phase Input Resistance Input Capacitance SIF Section SIF Limiting Voltage Detection Output Voltage Distortion AM Rejection DCVR Maximum Attenuation AF Amp Gain AF Amp Output Voltage Vilim VO(2) THD(2) AMR ATT GAF VO(5) -3dB Vi = 100mVrms, fm = 400Hz, f = 25kHz Vi = 100mVrms, fm = 400Hz, f = 25kHz Vi = 100mVrms, fm = 400Hz, f = 25kHz 30% Vi = 200mVrms, f = 400Hz Vi = 100mVrms, f = 400Hz VO(5) THD = 10%, f = 400Hz - 450 - 50 70 18 3 200 680 0.5 60 80 20 4 400 850 1.0 - - 22 - Vrms mVrms % dB dB dB Vrms Vimax VO(22) S/N CL V17H V17L Sf VWTH VBTH VBCL VO(25) fo DG DP Ri Ci fm = 15kHz 78% AM, VO = 1dB Vi = 10mVrms, fm = 15kHz 78% AM Vi = 10mVrms, CW Vi = 100mVrms, fm = 15kHz 78% AM Vi = 10mVrms, SWEEP Vi = 10mVrms, SWEEP Vi = 10mVrms, SWEEP Vi = 10mVrms, SWEEP Vi = 10mVrms, SWEEP Vi = 10mVrms, SWEEP P/S = 20dB -3dB Vi = 10mVrms 87.5, VIDEOMOD Vi + 10mVrms 87.5%, VIDEOMOD Vi = 10mVrms 87.5,%, VIDEOMOD 1.9 48 50 11.0 0 70 6.4 1.9 3.8 40 6 - - 1.0 - 2.2 54 57 11.5 0.4 100 6.8 2.2 4.2 60 8 4 3 1.5 3.5 2.5 - - 12.0 1.0 140 7.2 2.5 4.6 100 - 10 6 2.0 7.0 Vpp dB dB V V mV/kHz V V V mVrms MHz % deg k pF Symbol Test Conditions Min Typ Max Unit Pin Connection Diagram Ceramic Discriminator De-Emphasis AF Input N.F. AF Output GND IF AGC Filter Mute VIF Input VIF Input Mute RF AGC VR RF AGC Filter IF AGC Filter Sound Trap 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Ceramic Discriminator Mute Attenuator Mute Switch Ceramic Filter SIF Input SIF Output SIF VCC VIF VCC Video Output AFT Coil LLD Coil LLD Coil AFT Coil AFT Coil Sound Trap 30 16 1 1.066 (27.0) 15 .388 (8.6) .200 (5.08) Max .070 (1.78) .125 (3.17) .400 (10.16) |
Price & Availability of NTE15001 |